|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Connectors (Inlets/Outlets) www.schurter.com/pg07 IEC Appliance Inlet C14 or C18, sandwich Mounting, PCB- or Solder Terminal GSP2 Snap-in mounting Screw-on mounting C14 70 C Description -PanelMount: Snap-inorscrew-onmountingonPCB,sandwichorrear-side -ApplianceInlet,Pintemperature70C,protectionclassIorII -ForPCBmounting Other versions on request -Withsolderterminals References Weblinks GeneralProductInformation Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store, Distributor-Stock-Check,Accessories Approvals -VDELicenseNumber:40012767 -ULLicenseNumber:E96454 -CSALicenseNumber:38456 Technical Data RatingsIEC RatingsUL/CSA DielectricStrength 10A/250VAC;50Hz 15A/250VAC;60Hz >3kVACbetweenL-N >3kVACbetweenL/N-PE (1min/50Hz) -25Cto70C fromfrontsideIP40acc.toIEC60529 Suitableforapplianceswithprotection class1or2acc.toIEC61140 ForPCBmounting;Groundterminal: angledtopinaxis Solderterminalonrequest Sandwich/rear-side:1.5/2/2.5/3mm Thermoplastic,black,UL94V-0 ApplianceInlet C14acc.toIEC/EN60320-1, UL498,CSAC22.2no.42(forcold conditions)pin-temperature70C,10A, ProtectionClass1or2 AllowableOperationTemp. DegreeofProtection ProtectionClass Terminal PanelThicknesss Material:Housing Dimensions 32.9mm 32.9 29.9 27.50.1 R6 28.25 21.9 31.45 25.5 31.45 6 S B 19.5 0.1 PCB A 0.1 4.8 3.5 0.5 15.85 27 0.15 6.2 2.25-0.05 6.2 0 Connectors GSP2 www.schurter.com/pg07 Snap-in mounting Connectors (Inlets/Outlets) Screw on PCB mounting with insulation cover +0.2 0 22.5 max.R5.9 30.3 +0.2 0 max.R4 27.5 +0.2 0 Rear panel mounting Sandwich mounting Drilling diagrams Drilling diagram 7 0.05 7.3 0.1 7 0.05 1.6 D1 27 0.15 d1 = 6 0.05 for Snap-in mounting d1 = 3.6 0.05 for screw-on mounting with self-tapping screws 3 mm (EJOT-PT), 2 screws enclosed Variants Protection Class 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Panel mounting Screw Screw Screw Screw Screw Screw Screw Screw Screw Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Panel Thickness s [mm] 1 1.5 2 2.5 3 1.5 2 2.5 3 1 1.2 1.5 2 2.5 2.5 Ground terminal 4.8 x 0.8 mm angled to pin axis angled to pin axis angled to pin axis angled to pin axis angled to pin axis angled to pin axis angled to pin axis angled to pin axis angled to pin axis angled to pin axis angled to pin axis angled to pin axis angled to pin axis angled to pin axis angled to pin axis l l l l Cover Order Number GSP2.9103.11 GSP2.9103.13 GSP2.9103.14 GSP2.9103.15 GSP2.9103.16 GSP2.9113.13 GSP2.9113.14 GSP2.9113.15 GSP2.9113.16 GSP2.9203.11 GSP2.9203.12 GSP2.9203.13 GSP2.9203.14 GSP2.9203.15 GSP2.9213.15 19.5 +0.2 0 2 Connectors Connectors (Inlets/Outlets) www.schurter.com/pg07 GSP2 Panel Thickness s [mm] 3 1.5 2 3 1.5 3 2 2.5 1.5 2.5 1.5 2 2.5 3 Ground terminal 4.8 x 0.8 mm angled to pin axis angled to pin axis angled to pin axis angled to pin axis straight straight straight straight straight straight straight straight straight straight l l l l l l l l l Cover Order Number GSP2.9203.16 GSP2.9213.13 GSP2.9213.14 GSP2.9213.16 GSP2.9100.13 GSP2.9100.16 GSP2.9110.14 GSP2.9110.15 GSP2.9200.13 GSP2.9200.15 GSP2.9210.13 GSP2.9210.14 GSP2.9210.15 GSP2.9210.16 Protection Class 1 1 1 1 2 2 2 2 2 2 2 2 2 2 Panel mounting Snap-in Snap-in Snap-in Snap-in Screw Screw Screw Screw Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Additionalversiononrequest,e.g.:Groundterminalstraigtorquick-connectterminal6,3x0,8mm Packaging unit 50Pcs Mating Outlets/Connectors Category / Description Connector Overview complete IEC Connector C15, Rewireable, Straight IEC Connector C15A, Rewireable, Straight IEC Connector C15A, Rewireable, Straight IEC Connector C15A, Rewireable, Angled IEC Connector C13, Rewireable, Angled Connector further types to GSP2 Power Cord Overview complete Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13 Power Cord further types to GSP2 Power Supply or Interconnection Cord Overview complete Divers Power Supply and Interconnection Cords 10 A Divers Power Supply and Interconnection Cords 10 A Divers Power Supply and Interconnection Cords 10 A Divers Power Supply and Interconnection Cords 10 A Divers Power Supply and Interconnection Cords 10 A Power Supply or Interconnection Cord further types to GSP2 6000.0214 6000.0224 6003.0204 6003.0205 6003.0215 ... 0311 3011 3012 3013 3020 ... 0101 0102 0102-G 0112 4012 ... Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Connectors currentinformation.Allcontentissubjecttomodificationsandamendments. |
Price & Availability of GSP2920013 |